|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
DATA SHEET SILICON TRANSISTORS 2SD1615, 2SD1615A NPN SILICON EPITAXIAL TRANSISTORS POWER MINI MOLD DESCRIPTION 2SD1615, 1615A are designed for audio frequency power amplifier and switching application, especially in Hybrid Integrated Circuits. FEATURES * World Standard Miniature Package * Low VCE (sat) VCE(sat) = 0.15 V * Complement to 2SB1115, 2SD1115A PACKAGE DIMENSIONS in millimeters 4.5 0.1 1.6 0.2 1.5 0.1 ABSOLUTE MAXIMUM RATINGS Maximum Voltages and Currents (TA = 25C) 2SD1615 2SD1615A Collector to Base Voltage VCBO 60 120 50 60 Collector to Emitter Voltage VCEO Emitter to Base Voltage VEBO 6 1 Collector Current (DC) IC IC 2 Collector Current (Pulse) Maximum Power Dissipation Total Power Dissipation PT 2.0 at 25C Ambient Temperature Maximum Temperatures 150 Junction Temperature Tj Storage Temperature Range Tstg -55 to +150 0.8 MIN. V V V A A W C C E 0.42 0.06 C B 0.42 0.06 1.5 0.47 0.06 3.0 1. Emitter 2. Collector 3. Base 0.41+ 0.03 - 0.05 PW 10 ms, Duty Cycle 50% When mounted on ceramic substrate of 16 cm2 x 0.7 mm ELECTRICAL CHARACTERISTICS (TA = 25C) CHARACTERISTIC Collector Cutoff Current Emitter Cutoff Current DC Current Gain DC Current Gain Collector Saturation Voltage Base Saturation Voltage Base to Emitter Voltage Gain Bandwidth Product Output Capacitance SYMBOL ICBO IEBO hFE1 hFE2 VCE(sat) VBE(sat) VBE fT Cob MIN. TYP. MAX. 100 100 100 UNIT nA nA nA 2SD1615 2SD1615A 2SC1615 2SD1615A TEST CONDITIONS VCB = 60 V, IE = 0 VCB = 120 V, IE = 0 VCE = 2.0 V, IC = 100 mA VEB = 6.0 V, IC = 0 135 135 81 290 270 0.15 0.9 600 400 0.3 1.2 700 V V mV MHz pF VCE = 2.0 V, IC = 1.0 A IC = 1.0 A, IB = 50 mA IC = 1.0 A, IB = 50 mA VCE = 2.0 V, IC = 50 mA VCE = 2.0 V, IE = -100 mA VCB = 10 V, IE = 0, f = 1.0 MHz 600 80 160 19 Pulsed: PW 350 s, Duty Cycle 2 % hFE Classification MARKING hFE 2SD1615 2SD1615A GM GQ 135 to 270 GL GP 200 to 400 300 to 600 GK The information in this document is subject to change without notice. Before using this document, please confirm that this is the latest version. Document No. D10198EJ4V0DS00 (4th edition) Date Published December 2000 N CP(K) Printed in Japan (c) 4.0 0.25 2.5 0.1 1985 2SD1615, 2SD1615A TYPICAL CHARACTERISTICS (TA = 25C) TOTAL POWER DISSIPATION vs. AMBIENT TEMPERATURE 2.5 SAFE OPERATING AREA (TRANSIENT THERMAL RESISTANCE METHOD) 5 1 pulse 2 ms =1 PW s m 10 PT - Total Power Dissipation - W 2.0 IC - Collector Current - A W he nm ou nte 1 0.5 20 1.5 0 m do nc era mi cs s 1.0 0.2 0.1 D C ub ate str of 16 2SD1615 2SD1615A 0.5 cm 0.05 2 x0 .7 mm 0.02 200 0.01 0 40 80 120 160 TA - Ambient Temperature - C 1 2 5 10 20 50 VCE - Collector to Emitter Voltage - V 100 COLLECTOR CURRENT vs. BASE TO EMITTER VOLTAGE 100 COLLECTOR CURRENT vs. COLLECTOR TO EMITTER VOLTAGE 1.0 300 A 200 A 5.0 mA 4.5 mA 4. 0 m A 3.5 mA 3.0 mA 2.5 mA 2.0 mA 80 0.8 IC - Collector Current - mA 60 150 A IC - Collector Current - A 200 A 0.6 1.5 mA 40 100 A IB = 50 A 0.4 1.0 mA IB = 0.5 mA 20 0.2 0 2 4 6 8 10 0 0.2 0.4 0.6 0.8 1.0 VCE - Collector to Emitter Voltage - V DC CURRENT GAIN vs. COLLECTOR CURRENT VCE(sat) - Collector Saturation Voltage - V COLLECTOR AND BASE SATURATION VOLTAGE vs. COLLECTOR CURRENT VCE(sat) - Collector Saturation Voltage - V VBE(sat) - Base Saturation Voltage - V 1000 VCE = 2.0 V 500 2 1 0.5 0.2 0.1 0.05 0.02 0.01 0.02 0.05 0.1 0.2 0.5 1 2 VC E( sa t) IC = 20*IB VBE(sat) hEF - DC Current Gain 200 100 50 20 10 5 0.01 0.02 0.05 0.1 0.2 0.5 1 2 5 10 5 10 IC - Collector Current - A IC - Collector Current - A Data Sheet D10198EJ4V0DS00 2 2SD1615, 2SD1615A GAIN BANDWIDTH PRODUCT vs. EMITTER CURRENT 1000 500 fT - Gain Bandwidth Product - MHZ 200 100 50 20 10 5 2 1 0.01 0.02 0.05 0.1 0.2 0.5 1 2 IC - Collector Current - A 5 10 1 Cob - Output Capacitance - pF VEC = 2.0 V 100 50 OUTPUT CAPCITANCE vs. COLLECTOR TO BASE VOLTAGE IE = 0 f = 1.0 MHZ 20 10 5 2 2 5 10 20 50 VCB - Collector to Base Voltage - V 100 SWITCHING TIME vs. COLLECTOR CURRENT 2 1 t - Switching Time - s 0.5 VCC = 10 V IC = 10.IBI = -10.IB2 VBE(off) = -2 to 3 V . PW = 2 s . Duty Cycle 2 % tstg 0.2 0.1 0.05 tf ton 0.01 0.02 0.05 0.1 0.2 IC - Collector Current - A 0.5 1 Data Sheet D10198EJ4V0DS00 3 2SD1615, 2SD1615A [MEMO] * The information in this document is current as of October, 2000. The information is subject to change without notice. For actual design-in, refer to the latest publications of NEC's data sheets or data books, etc., for the most up-to-date specifications of NEC semiconductor products. Not all products and/or types are available in every country. Please check with an NEC sales representative for availability and additional information. * No part of this document may be copied or reproduced in any form or by any means without prior written consent of NEC. NEC assumes no responsibility for any errors that may appear in this document. * NEC does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from the use of NEC semiconductor products listed in this document or any other liability arising from the use of such products. No license, express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of NEC or others. * Descriptions of circuits, software and other related information in this document are provided for illustrative purposes in semiconductor product operation and application examples. The incorporation of these circuits, software and information in the design of customer's equipment shall be done under the full responsibility of customer. NEC assumes no responsibility for any losses incurred by customers or third parties arising from the use of these circuits, software and information. * While NEC endeavours to enhance the quality, reliability and safety of NEC semiconductor products, customers agree and acknowledge that the possibility of defects thereof cannot be eliminated entirely. To minimize risks of damage to property or injury (including death) to persons arising from defects in NEC semiconductor products, customers must incorporate sufficient safety measures in their design, such as redundancy, fire-containment, and anti-failure features. * NEC semiconductor products are classified into the following three quality grades: "Standard", "Special" and "Specific". The "Specific" quality grade applies only to semiconductor products developed based on a customer-designated "quality assurance program" for a specific application. The recommended applications of a semiconductor product depend on its quality grade, as indicated below. Customers must check the quality grade of each semiconductor product before using it in a particular application. "Standard": Computers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots "Special": Transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support) "Specific": Aircraft, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems and medical equipment for life support, etc. The quality grade of NEC semiconductor products is "Standard" unless otherwise expressly specified in NEC's data sheets or data books, etc. If customers wish to use NEC semiconductor products in applications not intended by NEC, they must contact an NEC sales representative in advance to determine NEC's willingness to support a given application. (Note) (1) "NEC" as used in this statement means NEC Corporation and also includes its majority-owned subsidiaries. (2) "NEC semiconductor products" means any semiconductor product developed or manufactured by or for NEC (as defined above). M8E 00. 4 This datasheet has been download from: www..com Datasheets for electronics components. |
Price & Availability of 2SD1615A-T2 |